Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA214602FC-V1-R2 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA214602FC-V1-R2 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA214602FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA214602FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GTRA214602FC
3
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (data taken in a Wolfspeed production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 2. Single-carrier WCDMA Broadband Performance
Figure 4. Pulsed CW Performance
5
15
25
35
45
55
65
-65
-55
-45
-35
-25
-15
-5
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 150 mA, ƒ = 2170 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
g214602fc-gr2a
-20
-15
-10
-5
-40
-35
-30
-25
2025
2075
2125
2175
2225
2275
Frequency (MHz)
Single-carrier WCDMA
Broadband Performance
VDD = 48V, IDQ(MAIN) = 150 mA, POUT = 49 dBm,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACPU
ACP Low
IRL
g214602f c- gr 4
50
53
55
58
60
63
65
10
11
12
13
14
15
16
17
2025
2075
2125
2175
2225
2275
Frequency (MHz)
Single-Carrier WCDMA
Broadband Performance
VDD = 48 V, IDQ(MAIN) = 150 mA, POUT = 49 dBm,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
g214602f c- gr 3
0
10
20
30
40
50
60
70
80
11
12
13
14
15
16
17
18
19
28
33
38
43
48
53
58
Output Power (dBm)
Pulsed CW Performance
VDD = 48 V, IDQ = 150 mA,
40 µs pulse width, 10% duty cycle
2110 MHz Gain
2140 MHz Gain
2170 MHz Gain
2110 MHz Eff
2140 MHz Eff
2170 MHz Eff
g214602fc-gr5
5
15
25
35
45
55
65
-65
-55
-45
-35
-25
-15
-5
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 150 mA, ƒ = 2170 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
g214602fc-gr2a
-20
-15
-10
-5
-40
-35
-30
-25
2025
2075
2125
2175
2225
2275
Frequency (MHz)
Single-carrier WCDMA
Broadband Performance
VDD = 48V, IDQ(MAIN) = 150 mA, POUT = 49 dBm,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACPU
ACP Low
IRL
g214602f c- gr 4
50
53
55
58
60
63
65
10
11
12
13
14
15
16
17
2025
2075
2125
2175
2225
2275
Frequency (MHz)
Single-Carrier WCDMA
Broadband Performance
VDD = 48 V, IDQ(MAIN) = 150 mA, POUT = 49 dBm,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
g214602f c- gr 3
0
10
20
30
40
50
60
70
80
11
12
13
14
15
16
17
18
19
28
33
38
43
48
53
58
Output Power (dBm)
Pulsed CW Performance
VDD = 48 V, IDQ = 150 mA,
40 µs pulse width, 10% duty cycle
2110 MHz Gain
2140 MHz Gain
2170 MHz Gain
2110 MHz Eff
2140 MHz Eff
2170 MHz Eff
g214602fc-gr5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com