Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC138 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC138 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC138
Download  74HC138 Download
File Size   274.63 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74HC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC138 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC138
Download  74HC138 Click to download

File Size   274.63 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74HC138 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC138 Product details

1. General description
The 74HC138; 74HCT138 decodes three binary weighted address inputs (A0, A1 and A2) to
eight mutually exclusive outputs (Y0 to Y7). The device features three enable inputs (E1, E2 and
E3). Every output will be HIGH unless E1 and E2 are LOW and E3 is HIGH. This multiple enable
function allows easy parallel expansion to a 1-of-32 (5 to 32 lines) decoder with just four '138 ICs
and one inverter. The '138 can be used as an eight output demultiplexer by using one of the active
LOW enable inputs as the data input and the remaining enable inputs as strobes. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Active LOW mutually exclusive outputs
• Input levels:
• For 74HC138: CMOS level
• For 74HCT138: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
ON Semiconductor
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC138 NXP-74HC138 Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
logo
Diodes Incorporated
74HC138 DIODES-74HC138 Datasheet
193Kb / 10P
3 TO 8 LINE DECODER DEMULTIPLEXER
Rev 3
logo
NXP Semiconductors
74HC138 NXP-74HC138 Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
More results


Similar Description - 74HC138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
3-to-8 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com