Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT14 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT14
Download  74HCT14 Download
File Size   268.5 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

74HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT14
Download  74HCT14 Click to download

File Size   268.5 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

74HCT14 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT14 Product details

1. General description
The 74HC14; 74HCT14 is a hex inverter with Schmitt-trigger inputs. This device features reduced
input threshold levels to allow interfacing to TTL logic levels. Inputs also include clamp diodes, this
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC. Schmitt
trigger inputs transform slowly changing input signals into sharply defined jitter-free output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Unlimited input rise and fall times
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - 74HCT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
72Kb / 8P
Hex inverting Schmitt trigger
September 1993
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
logo
ON Semiconductor
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HCT14 NXP-74HCT14 Datasheet
167Kb / 21P
Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
More results


Similar Description - 74HCT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
Hex inverting Schmitt trigger
1999 Sep 27
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com