Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT14 Datasheet (PDF) - ON Semiconductor

74HCT14 Datasheet PDF - ON Semiconductor
Part # 74HCT14
Download  74HCT14 Download
File Size   130.25 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS

74HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT14 Datasheet PDF - ON Semiconductor

Part # 74HCT14
Download  74HCT14 Click to download

File Size   130.25 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS

74HCT14 Datasheet (HTML) - ON Semiconductor


74HCT14 Product details

Hex Schmitt−Trigger Inverter with LSTTL Compatible Inputs
High−Performance Silicon−Gate CMOS

The 74HCT14 may be used as a level converter for interfacing TTL or NMOS outputs to high−speed CMOS inputs.
The HCT14 is useful to “square up” slow input rise and fall times. Due to the hysteresis voltage of the Schmitt trigger, the HCT14 finds applications in noisy environments.

Features
• Output Drive Capability: 10 LSTTL Loads
• TTL/NMOS−Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 A
• In Compliance With the JEDEC Standard No. 7A Requirements
• ESD Performance: HBM > 2000 V; Machine Model > 200 V
• Chip Complexity: 72 FETs or 18 Equivalent Gates
• These are Pb−Free Devices




Similar Part No. - 74HCT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
72Kb / 8P
Hex inverting Schmitt trigger
September 1993
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
74HCT14 NXP-74HCT14 Datasheet
167Kb / 21P
Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
logo
Nexperia B.V. All right...
74HCT14 NEXPERIA-74HCT14 Datasheet
268Kb / 16P
Hex inverting Schmitt trigger
Rev. 9 - 13 August 2021
More results


Similar Description - 74HCT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com