Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC191 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC191 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC191
Download  74HC191 Download
File Size   296.75 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary up/down counter

74HC191 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC191 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC191
Download  74HC191 Click to download

File Size   296.75 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary up/down counter

74HC191 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC191 Product details

1. General description
The 74HC191 is an asynchronously presettable 4-bit binary up/down counter. It contains four
master/slave flip-flops with internal gating and steering logic to provide asynchronous preset and
synchronous count-up and count-down operation. Asynchronous parallel load capability permits
the counter to be preset to any desired value. Information present on the parallel data inputs (D0
to D3) is loaded into the counter and appears on the outputs when the parallel load (PL) input is
LOW. This operation overrides the counting function. Counting is inhibited by a HIGH level on the
count enable (CE) input. When CE is LOW internal state changes are initiated synchronously by
the LOW-to-HIGH transition of the clock input. The up/down (U/D) input signal determines the
direction of counting as indicated in the function table. The CE input may go LOW when the clock is
in either state, however, the LOW-to-HIGH CE transition must occur only when the clock is HIGH.
Also, the U/D input should be changed only when either CE or CP is HIGH. Overflow/underflow
indications are provided by two types of outputs, the terminal count (TC) and ripple clock (RC).
The TC output is normally LOW and goes HIGH when a circuit reaches zero in the count-down
mode or reaches '15' in the count-up-mode. The TC output will remain HIGH until a state change
occurs, either by counting or presetting, or until U/D is changed. Do not use the TC output as a
clock signal because it is subject to decoding spikes. The TC signal is used internally to enable
the RC output. When TC is HIGH and CE is LOW, the RC output follows the clock pulse (CP). This
feature simplifies the design of multistage counters as shown in Fig. 5 and Fig. 6. In Fig. 5, each
RC output is used as the clock input to the next higher stage. It is only necessary to inhibit the
first stage to prevent counting in all stages, since a HIGH on CE inhibits the RC output pulse. The
timing skew between state changes in the first and last stages is represented by the cumulative
delay of the clock as it ripples through the preceding stages. This can be a disadvantage of this
configuration in some applications. Fig. 6 shows a method of causing state changes to occur
simultaneously in all stages. The RC outputs propagate the carry/borrow signals in ripple fashion
and all clock inputs are driven in parallel. In this configuration the duration of the clock LOW state
must be long enough to allow the negative-going edge of the carry/borrow signal to ripple through
to the last stage before the clock goes HIGH. Since the RC output of any package goes HIGH
shortly after its CP input goes HIGH there is no such restriction on the HIGH-state duration of the
clock. In Fig. 7, the configuration shown avoids ripple delays and their associated restrictions.
Combining the TC signals from all the preceding stages forms the CE input for a given stage. An
enable must be included in each carry gate in order to inhibit counting. The TC output of a given
stage it not affected by its own CE signal therefore the simple inhibit scheme of Fig. 5 and Fig. 6
does not apply. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• CMOS input levels
• Synchronous reversible counting
• Asynchronous parallel load
• Count enable control for synchronous expansion
• Single up/down control input
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC191D PHILIPS-74HC191D Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC191DB PHILIPS-74HC191DB Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC191N PHILIPS-74HC191N Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC191PW PHILIPS-74HC191PW Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Similar Description - 74HC191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
Presettable synchronous 4-bit binary up/down counter
December 1990
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com