Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC169 Datasheet (PDF) - NXP Semiconductors

74LVC169 Datasheet PDF - NXP Semiconductors
Part # 74LVC169
Download  74LVC169 Download
File Size   138.82 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Presettable synchronous 4-bit up/down binary counter

74LVC169 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC169 Datasheet PDF - NXP Semiconductors

Part # 74LVC169
Download  74LVC169 Click to download

File Size   138.82 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Presettable synchronous 4-bit up/down binary counter

74LVC169 Datasheet (HTML) - NXP Semiconductors


74LVC169 Product details

General description
The 74LVC169 is a synchronous presettable 4-bit binary counter which features an internal look-ahead carry circuitry for cascading in high-speed counting applications. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs (pins Q0 to Q3) change simultaneously with each other when so instructed by the count-enable (pins CEP and CET) inputs and internal gating. This mode of operation eliminates the output counting spikes that are normally associated with asynchronous (ripple clock) counters. A buffered clock (pin CP) input triggers the four flip-flops on the LOW-to-HIGH transition of the clock.

Features and benefits
■ 5 V tolerant inputs for interfacing with 5 V logic
■ Wide supply voltage range from 1.2 V to 3.6 V
■ CMOS low power consumption
■ Direct interface with TTL levels
■ Up/down counting
■ Two count enable inputs for n-bit cascading
■ Built-in look-ahead carry capability
■ Presettable for programmable operation
■ Complies with JEDEC standard:
    ◆ JESD8-7A (1.65 V to 1.95 V)
    ◆ JESD8-5A (2.3 V to 2.7 V)
    ◆ JESD8-C/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-B exceeds 200 V
    ◆ CDM JESD22-C101E exceeds 1000 V
■ Multiple package options
■ Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LVC169

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169D PHILIPS-74LVC169D Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169DB PHILIPS-74LVC169DB Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PW PHILIPS-74LVC169PW Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
74LVC169PWDH PHILIPS-74LVC169PWDH Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
More results


Similar Description - 74LVC169

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
Presettable synchronous 4-bit binary up/down counter
December 1990
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
Presettable synchronous 4-bit binary up/down counter
December 1990
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
Presettable synchronous 4-bit binary up/down counter
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com