Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC21D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC21D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC21D
Download  74HC21D Download
File Size   223.74 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input AND gate

74HC21D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC21D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC21D
Download  74HC21D Click to download

File Size   223.74 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input AND gate

74HC21D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC21D Product details

1. General description
The 74HC21 is a dual 4-input AND gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• CMOS input levels
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C.




Similar Part No. - 74HC21D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC21D NXP-74HC21D Datasheet
96Kb / 14P
Dual 4-input AND gate
Rev. 05-7 May 2009
logo
Toshiba Semiconductor
74HC21D TOSHIBA-74HC21D Datasheet
189Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.3.0
logo
NXP Semiconductors
74HC21DB NXP-74HC21DB Datasheet
96Kb / 14P
Dual 4-input AND gate
Rev. 05-7 May 2009
More results


Similar Description - 74HC21D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com