Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC237D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC237D
Download  74HC237D Download
File Size   276.25 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

74HC237D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC237D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC237D
Download  74HC237D Click to download

File Size   276.25 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

74HC237D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC237D Product details

1. General description
The 74HC237 is a 3-to-8 line decoder, demultiplexer with latches at the three address inputs (An).
The 74HC237 essentially combines the 3-to-8 decoder function with a 3-bit storage latch. When
the latch is enabled (LE = LOW), the 74HC237 acts as a 3-to-8 active LOW decoder. When the
latch enable (LE) goes from LOW-to-HIGH, the last data present at the inputs before this transition,
is stored in the latches. Further address changes are ignored as long as LE remains HIGH. The
output enable input (E1 and E2) controls the state of the outputs independent of the address inputs
or latch operation. All outputs are HIGH unless E1 is LOW and E2 is HIGH. The 74HC237 is ideally
suited for implementing non-overlapping decoders in 3-state systems and strobes (stored address)
applications in bus-oriented systems.
2. Features and benefits
• Combines 3-to-8 decoder with 3-bit latch
• Multiple input enable for easy expansion or independent controls
• Active HIGH mutually exclusive outputs
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC237D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237D PHILIPS-74HC237D Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237D PHILIPS-74HC237D Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC237D NXP-74HC237D Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Toshiba Semiconductor
74HC237D TOSHIBA-74HC237D Datasheet
228Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC237D-Q100 NEXPERIA-74HC237D-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
More results


Similar Description - 74HC237D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com