Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC237D Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC237D
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC237D Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC237D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
74HC237
3-to-8 line decoder, demultiplexer with address latches
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ Max
Min
Max
Min
Max
Unit
An to LE; see Fig. 9
-
VCC = 2.0 V
30
3
-
40
-
45
-
ns
VCC = 4.5 V
6
1
-
8
-
9
-
ns
th
hold time
VCC = 6.0 V
5
1
-
7
-
8
-
ns
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-
60
-
-
-
-
-
pF
[1] tpd is the same as tPLH and tPHL.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC 2 × fo) = sum of outputs.
10.1. Waveforms and test circuit
001aab873
An, E2, LE
input
Yn output
VM
tPHL
tTHL
tTLH
tPLH
VM
90 %
90 %
10 %
10 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 7. Propagation delay input (An) and enable inputs (E2, LE) to output (Yn) and output transition time
001aab874
E1 input
Yn output
VM
tPHL
tTHL
tTLH
tPLH
VM
90 %
90 %
10 %
10 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 8. Propagation enable inputs (E1) to output (Yn) and output transition time
74HC237
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 26 October 2021
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com