Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74BQ Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC74BQ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC74BQ
Download  74HC74BQ Download
File Size   299.12 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive edge-trigger

74HC74BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC74BQ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC74BQ
Download  74HC74BQ Click to download

File Size   299.12 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive edge-trigger

74HC74BQ Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC74BQ Product details

1. General description
The 74HC74 and 74HCT74 are dual positive edge triggered D-type flip-flop. They have individual
data (nD), clock (nCP), set (nSD) and reset (nRD) inputs, and complementary nQ and nQ outputs.
Data at the nD-input, that meets the set-up and hold time requirements on the LOW-to-HIGH clock
transition, is stored in the flip-flop and appears at the nQ output. Schmitt-trigger action in the clock
input, makes the circuit highly tolerant to slower clock rise and fall times. Inputs include clamp
diodes that enable the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Input levels:
• For 74HC74: CMOS level
• For 74HCT74: TTL level
• Symmetrical output impedance
• High noise immunity
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC74BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC74BQ PHILIPS-74HC74BQ Datasheet
120Kb / 22P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74BQ NXP-74HC74BQ Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74BQ PHILIPS-74HC74BQ Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74BQ PHILIPS-74HC74BQ Datasheet
193Kb / 22P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74HC74BQ-Q100 NEXPERIA-74HC74BQ-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
More results


Similar Description - 74HC74BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com