Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9451PS6 Datasheet (PDF) - Belden Inc.

9451PS6 Datasheet PDF - Belden Inc.
Part # 9451PS6
Download  9451PS6 Download
File Size   174.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP

9451PS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
9451PS6 Datasheet PDF - Belden Inc.

Part # 9451PS6
Download  9451PS6 Click to download

File Size   174.73 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP

9451PS6 Datasheet (HTML) - Belden Inc.


9451PS6 Product details

Product Description
Audio Snake Cable, 6 Pair 22 AWG tinned copper pairs, FEP insulation, drain, individually shielded with Beldfoil® bonded to numbered PVC jackets so both
strip simulteaneously, Plenum Flamarrest® jackets, Banana Peel construction




Similar Part No. - 9451PS6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451PS4-0081000 BELDEN-9451PS4-0081000 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451PS4-008500 BELDEN-9451PS4-008500 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451PS4-0101000 BELDEN-9451PS4-0101000 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
9451PS4-010500 BELDEN-9451PS4-010500 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
More results


Similar Description - 9451PS6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1218B BELDEN-1218B Datasheet
178Kb / 3P
Audio Snake Cable, #22-6pr, TC, Indiv. Shielded
12-19-2022
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1220B BELDEN-1220B Datasheet
178Kb / 3P
Audio Snake Cable, #22-12pr, TC, Indiv. Shielded
12-20-2022
1217B BELDEN-1217B Datasheet
177Kb / 3P
Audio Snake Cable, #22-4pr, TC, Indiv. Shielded
12-20-2022
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
1805F BELDEN-1805F Datasheet
155Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMG
01-20-2023
1806F BELDEN-1806F Datasheet
227Kb / 2P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMG
01-20-2023
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
7890A BELDEN-7890A Datasheet
217Kb / 3P
Audio Snake Cable, #26-4pr, TC, Indiv. Shielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com