Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1801BD Datasheet (PDF) - Belden Inc.

1801BD Datasheet PDF - Belden Inc.
Part # 1801BD
Download  1801BD Download
File Size   172.37 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP

1801BD Datasheet (PDF)

Go To PDF Page Download Datasheet
1801BD Datasheet PDF - Belden Inc.

Part # 1801BD
Download  1801BD Click to download

File Size   172.37 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP

1801BD Datasheet (HTML) - Belden Inc.


1801BD Product details

Product Description
Digital Audio Snake Cable, Plenum-CMP, 2-24 AWG tinned copper pairs, foam FEP insulation, Flamarrest® jacket, Parallel construction




Similar Part No. - 1801BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1801B ETC2-1801B Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1801B ETC2-1801B Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
1801B ETC2-1801B Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Belden Inc.
1801B BELDEN-1801B Datasheet
147Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
logo
Keystone Electronics Co...
1801B KEYSTONE-1801B Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results


Similar Description - 1801BD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1514C BELDEN-1514C Datasheet
180Kb / 3P
Audio Snake Cable, #24-16pr, TC, Indiv. Shielded, CM
12-19-2022
9451PS6 BELDEN-9451PS6 Datasheet
174Kb / 3P
Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP
11-09-2022
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
1802F BELDEN-1802F Datasheet
154Kb / 3P
Audio Snake, 2 PR 24 AWG TC, CMG
12-20-2022
1805F BELDEN-1805F Datasheet
155Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMG
01-20-2023
1806F BELDEN-1806F Datasheet
227Kb / 2P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMG
01-20-2023
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com