Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1802B Datasheet (PDF) - Belden Inc.

1802B Datasheet PDF - Belden Inc.
Part # 1802B
Download  1802B Download
File Size   171.47 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Pair 24 AWG, TC, CMR

1802B Datasheet (PDF)

Go To PDF Page Download Datasheet
1802B Datasheet PDF - Belden Inc.

Part # 1802B
Download  1802B Click to download

File Size   171.47 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Pair 24 AWG, TC, CMR

1802B Datasheet (HTML) - Belden Inc.


1802B Product details

Product Description
Digital Audio Cable, 2 pair 24 AWG stranded tinned copper with Datalene® insulation, Beldfoil® shield, drain, CMR PVC jacket, parallel construction.




Similar Part No. - 1802B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1802B ETC2-1802B Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1802B ETC2-1802B Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1802B KEYSTONE-1802B Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results


Similar Description - 1802B

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1410R BELDEN-1410R Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMR
12-19-2022
1411R BELDEN-1411R Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMR
12-20-2022
2814RW BELDEN-2814RW Datasheet
153Kb / 3P
Indoor/Outdoor Stadium Cable, Analog Audio Snake, 2 Pair 22 AWG,stranded, CMR
12-19-2022
1414R BELDEN-1414R Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMR
12-19-2022
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
1802F BELDEN-1802F Datasheet
154Kb / 3P
Audio Snake, 2 PR 24 AWG TC, CMG
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
2221 BELDEN-2221 Datasheet
151Kb / 3P
Audio Cable, 2 Conductor 26 AWG, TC
12-20-2022
1325R BELDEN-1325R Datasheet
155Kb / 2P
Security & Commercial Audio, 2 Pair 22 AWG BC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com