Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8413 Datasheet (PDF) - Belden Inc.

8413 Datasheet PDF - Belden Inc.
Part # 8413
Download  8413 Download
File Size   143.55 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 24 AWG, TC

8413 Datasheet (PDF)

Go To PDF Page Download Datasheet
8413 Datasheet PDF - Belden Inc.

Part # 8413
Download  8413 Click to download

File Size   143.55 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 24 AWG, TC

8413 Datasheet (HTML) - Belden Inc.


8413 Product details

Product Description
24 AWG stranded (45x40) TC alloy conductors, EPDM rubber insulation, conductive textile wrap (100% coverage), TC braid shield (60% coverage), cotton
spiral, EPDM jacket.




Similar Part No. - 8413

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8413 KEYSTONE-8413 Datasheet
198Kb / 1P
HEX M/F STANDOFF
2.9.98
logo
Heyco.
8413 HEYCO-8413 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Keystone Electronics Co...
8413 KEYSTONE-8413 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
List of Unclassifed Man...
8413000000 ETC2-8413000000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
84130100 ETC2-84130100 Datasheet
2Mb / 50P
SIMM Series Input Modules
More results


Similar Description - 8413

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
8408 BELDEN-8408 Datasheet
196Kb / 2P
Microphone Cable, 2 Conductor 16 AWG, TC, CPE Jkt
01-20-2023
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9394 BELDEN-9394 Datasheet
144Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
8406 BELDEN-8406 Datasheet
145Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com