Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9399 Datasheet (PDF) - Belden Inc.

9399 Datasheet PDF - Belden Inc.
Part # 9399
Download  9399 Download
File Size   170.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 24 AWG, TC

9399 Datasheet (PDF)

Go To PDF Page Download Datasheet
9399 Datasheet PDF - Belden Inc.

Part # 9399
Download  9399 Click to download

File Size   170.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 24 AWG, TC

9399 Datasheet (HTML) - Belden Inc.


9399 Product details

Product Description
24 AWG stranded (45x40) BC alloy conductors, EPDM rubber insulation, conductive textile wrap (100% coverage), TC braid shield (65% coverage), cotton
spiral, EPDM jacket.




Similar Part No. - 9399

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
9399 MOLEX11-9399 Datasheet
109Kb / 1P
Switched Socket
logo
pro-elec
9399 PRO-ELEC-9399 Datasheet
108Kb / 1P
Switched Socket
29/10/12 V1.0
logo
List of Unclassifed Man...
93992-XYYH ETC2-93992-XYYH Datasheet
707Kb / 8P
BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
93992-XYYH FCI-CONNECTOR-93992-XYYH Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
logo
Abbatron All Rights Res...
9399A-9399Q ABBATRON-9399A-9399Q Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 9399

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
8408 BELDEN-8408 Datasheet
196Kb / 2P
Microphone Cable, 2 Conductor 16 AWG, TC, CPE Jkt
01-20-2023
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9394 BELDEN-9394 Datasheet
144Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
8406 BELDEN-8406 Datasheet
145Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, TC
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com