Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8428 Datasheet (PDF) - Belden Inc.

8428 Datasheet PDF - Belden Inc.
Part # 8428
Download  8428 Download
File Size   177.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 18 AWG, TC

8428 Datasheet (PDF)

Go To PDF Page Download Datasheet
8428 Datasheet PDF - Belden Inc.

Part # 8428
Download  8428 Click to download

File Size   177.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 2 Conductor 18 AWG, TC

8428 Datasheet (HTML) - Belden Inc.


8428 Product details

Product Description
Microphone Cable, 2 Conductor, 18 AWG stranded (41x34) High-conductivity TC conductors, EPDM rubber insulation, rayon braid, TC braid shield (85%
coverage), cotton wrap, CPE jacket.




Similar Part No. - 8428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8428 PHOENIX-8428 Datasheet
339Kb / 28P
AXL E EIP DI8 DO4 2A M12 6P
logo
Heyco.
8428 HEYCO-8428 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Keystone Electronics Co...
8428 KEYSTONE-8428 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Pro-Power
8428 PROPOWER-8428 Datasheet
117Kb / 2P
Mains Adapters Electrical Accessories
21/07/06 V1.0
logo
3M Electronics
8428-12 3M-8428-12 Datasheet
80Kb / 4P
Cold Shrink EPDM Tubes Connector Insulators 8420 Series
11-May-2009
More results


Similar Description - 8428

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
8408 BELDEN-8408 Datasheet
196Kb / 2P
Microphone Cable, 2 Conductor 16 AWG, TC, CPE Jkt
01-20-2023
9395 BELDEN-9395 Datasheet
142Kb / 2P
Microphone Cable, 1 Conductor 18 AWG, TC
05-04-2023
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9394 BELDEN-9394 Datasheet
144Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
8410 BELDEN-8410 Datasheet
147Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
9396 BELDEN-9396 Datasheet
151Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com