Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9396 Datasheet (PDF) - Belden Inc.

9396 Datasheet PDF - Belden Inc.
Part # 9396
Download  9396 Download
File Size   151.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 1 Conductor 25 AWG, TC

9396 Datasheet (PDF)

Go To PDF Page Download Datasheet
9396 Datasheet PDF - Belden Inc.

Part # 9396
Download  9396 Click to download

File Size   151.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 1 Conductor 25 AWG, TC

9396 Datasheet (HTML) - Belden Inc.


9396 Product details

Product Description
25 AWG stranded (7x33) composite copper conductor, PVC insulation, (3) strands TC, (4) strands TCCS, TC spiral shield (90% coverage), PVC jacket.




Similar Part No. - 9396

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9396 BELDEN-9396 Datasheet
557Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight X-coded black
02-03-2025
logo
Knowles Capacitors All ...
939606 JOHANSONMANUFACTURING-939606 Datasheet
242Kb / 1P
Cavity Bandpass Filter
KPD_11_2022
939632 JOHANSONMANUFACTURING-939632 Datasheet
617Kb / 3P
Bandpass Filter
KPD_11_2022
logo
Abbatron All Rights Res...
9396A-9396Y ABBATRON-9396A-9396Y Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 9396

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
9395 BELDEN-9395 Datasheet
142Kb / 2P
Microphone Cable, 1 Conductor 18 AWG, TC
05-04-2023
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9394 BELDEN-9394 Datasheet
144Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
9778 BELDEN-9778 Datasheet
186Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
8410 BELDEN-8410 Datasheet
147Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com