Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1325R Datasheet (PDF) - Belden Inc.

1325R Datasheet PDF - Belden Inc.
Part # 1325R
Download  1325R Download
File Size   155.44 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Commercial Audio, 2 Pair 22 AWG BC, CMR

1325R Datasheet (PDF)

Go To PDF Page Download Datasheet
1325R Datasheet PDF - Belden Inc.

Part # 1325R
Download  1325R Click to download

File Size   155.44 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Commercial Audio, 2 Pair 22 AWG BC, CMR

1325R Datasheet (HTML) - Belden Inc.


1325R Product details

Product Description
Security & Commercial Audio Cable, 2 pair 22 AWG stranded (7x30) bare copper pairs with Polyolefin insulation, individually Beldfoil® shield, Riser-CMR, PVC
jacket




Similar Part No. - 1325R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325 POMONA-1325 Datasheet
76Kb / 1P
Standard Banana Jacks, Solderless and Stackable
logo
Yantel Corporation
1325 YANTEL-1325 Datasheet
79Kb / 2P
Variable RF Inductor
logo
Adafruit Industries
1325 ADAFRUIT-1325 Datasheet
208Kb / 2P
Adafruit FPC Stick - 20 Pin 0.5mm/1.0mm Pitch Adapter
2/23/2015
logo
Pomona Electronics
1325-0 POMONA-1325-0 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
1325-1 POMONA-1325-1 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
More results


Similar Description - 1325R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5500UE BELDEN-5500UE Datasheet
267Kb / 2P
Security & Sound, #22-2c BC, CMR
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5501FE BELDEN-5501FE Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 22 AWG, BC, Shielded, CMR
04-28-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
6546PA BELDEN-6546PA Datasheet
180Kb / 2P
Security & Sound, 8 Pair 22 AWG, BC, CMP
12-20-2022
6549PA BELDEN-6549PA Datasheet
180Kb / 2P
Security & Sound, 16 Pair 22 AWG, BC, CMP
12-20-2022
4541FE BELDEN-4541FE Datasheet
158Kb / 2P
Security & Sound, 2 Pair 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
4541UE BELDEN-4541UE Datasheet
156Kb / 2P
Security & Sound, 2 Pair 22 AWG BC, LSZH
08-25-2023
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com