Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6549PA Datasheet (PDF) - Belden Inc.

6549PA Datasheet PDF - Belden Inc.
Part # 6549PA
Download  6549PA Download
File Size   180.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 16 Pair 22 AWG, BC, CMP

6549PA Datasheet (PDF)

Go To PDF Page Download Datasheet
6549PA Datasheet PDF - Belden Inc.

Part # 6549PA
Download  6549PA Click to download

File Size   180.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 16 Pair 22 AWG, BC, CMP

6549PA Datasheet (HTML) - Belden Inc.


6549PA Product details

Product Description
Security, Pro Audio & Intercom Cable, 16 Pair 22 AWG stranded (7x30) bare copper pairs with FEP insulation, Individually Beldfoil® shielded and PVDF jacket
with ripcord, Plenum rated.




Similar Part No. - 6549PA

ManufacturerPart #DatasheetDescription
logo
FCI connector
65495-017 FCI-CONNECTOR-65495-017 Datasheet
164Kb / 2P
QUICKIE PCB CONNECTOR 10,14,26,30,34 & 50 POS
logo
Intersil Corporation
6549CBZ INTERSIL-6549CBZ Datasheet
438Kb / 18P
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
September 22, 2006
More results


Similar Description - 6549PA

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6542PA BELDEN-6542PA Datasheet
172Kb / 2P
Security & Sound, 3 Pair 22 AWG, BC, CMP
12-20-2022
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6546PA BELDEN-6546PA Datasheet
180Kb / 2P
Security & Sound, 8 Pair 22 AWG, BC, CMP
12-20-2022
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
4541UE BELDEN-4541UE Datasheet
156Kb / 2P
Security & Sound, 2 Pair 22 AWG BC, LSZH
08-25-2023
6202FE BELDEN-6202FE Datasheet
141Kb / 2P
Security & Sound, 4 Conductor 16 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com