Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6542PA Datasheet (PDF) - Belden Inc.

6542PA Datasheet PDF - Belden Inc.
Part # 6542PA
Download  6542PA Download
File Size   172.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Pair 22 AWG, BC, CMP

6542PA Datasheet (PDF)

Go To PDF Page Download Datasheet
6542PA Datasheet PDF - Belden Inc.

Part # 6542PA
Download  6542PA Click to download

File Size   172.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Pair 22 AWG, BC, CMP

6542PA Datasheet (HTML) - Belden Inc.


6542PA Product details

Product Description
Security, Pro Audio & Intercom Cable, 3 Pair 22 AWG stranded (7x30) bare copper pairs with FEP insulation, Individually Beldfoil® shielded and PVDF jacket
with ripcord, Plenum rated.




Similar Part No. - 6542PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6542 ETC2-6542 Datasheet
201Kb / 6P
VOLTAGE REGULATOR SUB-MINIATURE TYPE
logo
Alpha Wire
65425 ALPHAWIRE-65425 Datasheet
409Kb / 4P
14 (41/30) AWG Bare Copper
logo
Belden Inc.
6542FE BELDEN-6542FE Datasheet
155Kb / 2P
Security & Sound, #22-3pr, BC, Shielded, CMP
12-22-2023
6542FE-8771000 BELDEN-6542FE-8771000 Datasheet
155Kb / 2P
Security & Sound, #22-3pr, BC, Shielded, CMP
12-22-2023
6542FE-877U1000 BELDEN-6542FE-877U1000 Datasheet
155Kb / 2P
Security & Sound, #22-3pr, BC, Shielded, CMP
12-22-2023
More results


Similar Description - 6542PA

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6342PC BELDEN-6342PC Datasheet
175Kb / 2P
Security & Sound, 3 Pair 18 AWG, BC, Individually Shielded, CMP
12-20-2022
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
6546PA BELDEN-6546PA Datasheet
180Kb / 2P
Security & Sound, 8 Pair 22 AWG, BC, CMP
12-20-2022
6549PA BELDEN-6549PA Datasheet
180Kb / 2P
Security & Sound, 16 Pair 22 AWG, BC, CMP
12-20-2022
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com