Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6542FE Datasheet (PDF) - Belden Inc.

6542FE Datasheet PDF - Belden Inc.
Part # 6542FE
Download  6542FE Download
File Size   155.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, #22-3pr, BC, Shielded, CMP

6542FE Datasheet (PDF)

Go To PDF Page Download Datasheet
6542FE Datasheet PDF - Belden Inc.

Part # 6542FE
Download  6542FE Click to download

File Size   155.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, #22-3pr, BC, Shielded, CMP

6542FE Datasheet (HTML) - Belden Inc.


6542FE Product details

Product Description
Security & Sound Cable, Plenum-CMP, 3-22 AWG stranded bare copper pairs with Flamarrest® insulation, Beldfoil® shield and Flamarrest® jacket with ripcord




Similar Part No. - 6542FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6542 ETC2-6542 Datasheet
201Kb / 6P
VOLTAGE REGULATOR SUB-MINIATURE TYPE
logo
Alpha Wire
65425 ALPHAWIRE-65425 Datasheet
409Kb / 4P
14 (41/30) AWG Bare Copper
logo
Pomona Electronics
6542J POMONA-6542J Datasheet
36Kb / 1P
Self-Adhesive Thermocouple
6542K POMONA-6542K Datasheet
36Kb / 1P
Self-Adhesive Thermocouple
logo
Belden Inc.
6542PA BELDEN-6542PA Datasheet
172Kb / 2P
Security & Sound, 3 Pair 22 AWG, BC, CMP
12-20-2022
More results


Similar Description - 6542FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6504FE BELDEN-6504FE Datasheet
247Kb / 2P
Security & Sound, #22-6c BC, Shielded, CMP
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6546PA BELDEN-6546PA Datasheet
180Kb / 2P
Security & Sound, 8 Pair 22 AWG, BC, CMP
12-20-2022
6549PA BELDEN-6549PA Datasheet
180Kb / 2P
Security & Sound, 16 Pair 22 AWG, BC, CMP
12-20-2022
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
4542FLW BELDEN-4542FLW Datasheet
143Kb / 2P
Security & Sound, #22-3pr, BC, LSZH, Shielded, Cca
08-25-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
6548PA BELDEN-6548PA Datasheet
180Kb / 2P
Security & Sound, 12 Pair 22 AWG, BC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com