Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA126001FC-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

GTVA126001FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # GTVA126001FC-V1-R2
Download  GTVA126001FC-V1-R2 Download
File Size   443.12 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz

GTVA126001FC-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTVA126001FC-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # GTVA126001FC-V1-R2
Download  GTVA126001FC-V1-R2 Click to download

File Size   443.12 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz

GTVA126001FC-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


GTVA126001FC-V1-R2 Product details

Description
The GTVA126001EC and GTVA126001FC are 600-watt GaN on SiC high
electron mobility transistors (HEMT) for use in the DC - 1.4 GHz frequecy
band. They feature input matching, high efficiency, and thermallyenhanced packages.
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance (class AB), 1200 MHz,
50 V, 300 µs pulse width, 10% duty cycle
- Output power (P3dB) = 600 W
- Drain efficiency = 65%
- Gain = 18 dB
• Capable of withstanding a 10:1 load
mismatch (all phase angles) at 600 W peak power
under pulsed conditions: 300 µs pulse width, 10%
duty cycle, VDD = 50 V, IDQ = 100 mA
• Human Body Model Class 1C (per AnSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS compliant




Similar Part No. - GTVA126001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA126001FC CREE-GTVA126001FC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
GTVA126001FC CREE-GTVA126001FC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
More results


Similar Description - GTVA126001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GTVA220701FA INFINEON-GTVA220701FA_15 Datasheet
862Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-08-18
GTVA221701FA INFINEON-GTVA221701FA_15 Datasheet
616Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-07-27
GTVA261701FA INFINEON-GTVA261701FA_15 Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
logo
Cree, Inc
GTVA104001FA CREE-GTVA104001FA Datasheet
314Kb / 4P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 50 V, 960 ??1215 MHz
GTVA126001EC CREE-GTVA126001EC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA126001EFC CREE-GTVA126001EFC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA101K42EV WOLFSPEED-GTVA101K42EV Datasheet
2Mb / 14P
Thermally-Enhanced High Power RF GaN on SiC HEMT 1400 W, 50 V, DC – 1400 MHz
Rev. 4.5, March 2021
GTVA107001EC_FC WOLFSPEED-GTVA107001EC_FC Datasheet
638Kb / 8P
High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
Rev. 3.1, 2021-10-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com