Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA126001FC-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTVA126001FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001FC-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTVA126001FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
GTVA126001EC/FC
Thermally-Enhanced High Power RF GaN HEMT
600 W, 50 V, DC – 1.4 GHz
GTVA126001EC
Package H-36248-2
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance (class AB), 1200 MHz,
50 V, 300 µs pulse width, 10% duty cycle
- Output power (P3dB) = 600 W
- Drain efficiency = 65%
- Gain = 18 dB
• Capable of withstanding a 10:1 load
mismatch (all phase angles) at 600 W peak power
under pulsed conditions: 300 µs pulse width, 10%
duty cycle, VDD = 50 V, IDQ = 100 mA
• Human Body Model Class 1C (per AnSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS compliant
Description
The GTVA126001EC and GTVA126001FC are 600-watt GaN on SiC high
electron mobility transistors (HEMT) for use in the DC - 1.4 GHz frequecy
band. They feature input matching, high efficiency, and thermally-
enhanced packages.
GTVA126001FC
Package H-37248-2
20
30
40
50
60
70
15
17
19
21
23
25
0
100 200 300 400 500 600 700 800
Output Power (W)
Power Sweep: Gain & Efficiency
50 V, IDQ = 100 mA,
300 µs pulse width, 10% duty cycle
1200 MHz
1300 MHz
1400 MHz
g126001efc-gr1
RF Characteristics
Pulsed RF Performance (tested in Wolfspeed test fixture)
VDD = 50 V, IDQ = 100 mA, POUT = 600 W, ƒ = 1400 MHz, 300 µs pulse width, 10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19
20
22
dB
Drain Efficiency
hD
56
63
—
%


Similar Part No. - GTVA126001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA126001FC CREE-GTVA126001FC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
GTVA126001FC CREE-GTVA126001FC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
More results

Similar Description - GTVA126001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GTVA220701FA INFINEON-GTVA220701FA_15 Datasheet
862Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-08-18
GTVA221701FA INFINEON-GTVA221701FA_15 Datasheet
616Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-07-27
GTVA261701FA INFINEON-GTVA261701FA_15 Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
logo
Cree, Inc
GTVA104001FA CREE-GTVA104001FA Datasheet
314Kb / 4P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 50 V, 960 ??1215 MHz
GTVA126001EC CREE-GTVA126001EC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA126001EFC CREE-GTVA126001EFC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA101K42EV WOLFSPEED-GTVA101K42EV Datasheet
2Mb / 14P
Thermally-Enhanced High Power RF GaN on SiC HEMT 1400 W, 50 V, DC – 1400 MHz
Rev. 4.5, March 2021
GTVA107001EC_FC WOLFSPEED-GTVA107001EC_FC Datasheet
638Kb / 8P
High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
Rev. 3.1, 2021-10-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com