Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA220701FA-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

GTVA220701FA-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # GTVA220701FA-V1-R2
Download  GTVA220701FA-V1-R2 Download
File Size   736.6 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz

GTVA220701FA-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTVA220701FA-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # GTVA220701FA-V1-R2
Download  GTVA220701FA-V1-R2 Click to download

File Size   736.6 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz

GTVA220701FA-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


GTVA220701FA-V1-R2 Product details

Description
The GTVA220701FA is a 70-watt (P3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency,
and a thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Typical CW performance, 1880 MHz, 48 V
- Output power at P3dB = 45 W
- Efficiency = 60.7%
- Gain = 21.6 dB
• Human Body Model, Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Capable of handling 10:1 VSWR @48 V, 40 W (CW)
output power
• RoHS-compliant




Similar Part No. - GTVA220701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GTVA220701FA INFINEON-GTVA220701FA Datasheet
862Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-08-18
logo
Cree, Inc
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
logo
Infineon Technologies A...
GTVA220701FA INFINEON-GTVA220701FA_15 Datasheet
862Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-08-18
logo
WOLFSPEED, INC.
GTVA220701FA_V1 WOLFSPEED-GTVA220701FA_V1 Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
More results


Similar Description - GTVA220701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA104001FA CREE-GTVA104001FA Datasheet
314Kb / 4P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 50 V, 960 ??1215 MHz
GTVA126001EC CREE-GTVA126001EC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
GTVA220701FA CREE-GTVA220701FA Datasheet
581Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 ??2170 MHz
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
GTVA126001EFC CREE-GTVA126001EFC Datasheet
615Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 600 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
GTRA184602FC-V1 WOLFSPEED-GTRA184602FC-V1 Datasheet
693Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
GTRA214602FC-V1 WOLFSPEED-GTRA214602FC-V1 Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA220701FA_V1 WOLFSPEED-GTVA220701FA_V1 Datasheet
736Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
Rev. 05.1, 2022-1-27
GTRA260502M WOLFSPEED-GTRA260502M Datasheet
762Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
Rev. 04. 2023-06-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com