Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA220701FA-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA220701FA-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 70 W, 50 V, 1805 – 2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA220701FA-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA220701FA-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTVA220701FA-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GTVA220701FA
5
Rev. 05.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 9. CW Performance at Selected Supply Voltage
Figure 11. CW Performance at Selected Supply Voltage
Figure 10. CW Performance at Selected Supply Voltage
Figure 12. Small Signal CW Gain & Input Return Loss
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 1805 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6a
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 2170 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6c
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 1880 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6b
-28
-24
-20
-16
-12
-8
-4
0
14
16
18
20
22
24
26
28
1675
1875
2075
2275
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ = 200 mA
Gain
Input Return Loss
g220701fa-gr7
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 1805 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6a
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 2170 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6c
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 200 mA, ƒ = 1880 MHz
Gain
Efficiency
44 V
48 V
52 V
g220701fa-gr6b
-28
-24
-20
-16
-12
-8
-4
0
14
16
18
20
22
24
26
28
1675
1875
2075
2275
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ = 200 mA
Gain
Input Return Loss
g220701fa-gr7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com