Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G04
Download  74AUP2G04 Download
File Size   264.75 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverter

74AUP2G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G04
Download  74AUP2G04 Click to download

File Size   264.75 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverter

74AUP2G04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G04 Product details

1. General description
The 74AUP2G04 is a dual inverter. Schmitt-trigger action at all inputs makes the circuit tolerant
of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
Low-power dual inverter
Rev. 01.-16 January 2006
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
Low-power dual inverter
Rev. 02-7 July 2009
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
DUAL INVERTERS
Rev 4
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
Low-power dual inverter
logo
Diodes Incorporated
74AUP2G04DW-7 DIODES-74AUP2G04DW-7 Datasheet
426Kb / 12P
DUAL INVERTERS
Rev 4
More results


Similar Description - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
Low-power dual inverter
Rev. 01.-16 January 2006
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
Low-power dual inverter
Rev. 02-7 July 2009
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
Low-power dual unbuffered inverter
Rev. 02-3 July 2009
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
LOW-POWER DUAL INVERTER GATE
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
Low-power dual inverter
Rev. 5-5 March 2012
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
Low-power dual inverter
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com