Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G126 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G126 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G126
Download  74AUP2G126 Download
File Size   325.13 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer/line driver; 3-state

74AUP2G126 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G126 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G126
Download  74AUP2G126 Click to download

File Size   325.13 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer/line driver; 3-state

74AUP2G126 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G126 Product details

1. General description
The 74AUP2G126 is a dual buffer/line driver with 3-state outputs controlled by the output enable
inputs (nOE). Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and
fall times. This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• Input-disable feature allows floating input conditions
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
logo
Diodes Incorporated
74AUP2G126 DIODES-74AUP2G126 Datasheet
519Kb / 11P
DUAL 3-STATE BUFFER
Rev 1
logo
NXP Semiconductors
74AUP2G126DC PHILIPS-74AUP2G126DC Datasheet
102Kb / 19P
Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP2G126DC NXP-74AUP2G126DC Datasheet
117Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
More results


Similar Description - 74AUP2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com