Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G241 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G241 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G241
Download  74AUP2G241 Download
File Size   309.77 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer/line driver; 3-state

74AUP2G241 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G241 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G241
Download  74AUP2G241 Click to download

File Size   309.77 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual buffer/line driver; 3-state

74AUP2G241 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G241 Product details

1. General description
The 74AUP2G241 provides a dual non-inverting buffer/line driver with 3-state outputs. The 3-state
outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH level at pin 1OE causes
output 1Y to assume a high-impedance OFF-state. A LOW level at pin 2OE causes output 2Y to
assume a high-impedance OFF-state.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
This device has an input-disable feature, which allows floating input signals. The input 1A is
disabled when the output enable input 1OE is HIGH. The input 2A is disabled when the output
enable input 2OE is LOW.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• Input-disable feature allows floating input conditions
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G241DC NXP-74AUP2G241DC Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G241GD NXP-74AUP2G241GD Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G241GM NXP-74AUP2G241GM Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G241GT NXP-74AUP2G241GT Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Similar Description - 74AUP2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com