Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC1T45 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC1T45 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC1T45
Download  74AVC1T45 Download
File Size   324.67 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-supply voltage level translator/transceiver; 3-state

74AVC1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC1T45 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC1T45
Download  74AVC1T45 Click to download

File Size   324.67 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-supply voltage level translator/transceiver; 3-state

74AVC1T45 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC1T45 Product details

1. General description
The 74AVC1T45 is a single bit, dual supply transceiver with 3-state output that enables
bidirectional level translation. It features two 1-bit input-output ports (A and B), a direction control
input (DIR) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any
voltage between 0.8 V and 3.6 V making the device suitable for translating between any of the low
voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins A and DIR are referenced to VCC(A)
and pin B is referenced to VCC(B). A HIGH on DIR allows transmission from A to B and a LOW on
DIR allows transmission from B to A.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are
in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11( 0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (< 1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Dynamically controlled outputs
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Diodes Incorporated
74AVC1T45 DIODES-74AVC1T45 Datasheet
553Kb / 17P
TRANSCEIVER WITH 3 STATE OUTPUTS
Rev ersed
74AVC1T45 DIODES-74AVC1T45 Datasheet
467Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
November 2018 Rev. 2 - 2
logo
Nexperia B.V. All right...
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
Dual-supply voltage level translator/transceiver 3-state
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100_V01 Datasheet
279Kb / 18P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 4 28 January 2019
More results


Similar Description - 74AVC1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVCH1T45 PHILIPS-74AVCH1T45_15 Datasheet
283Kb / 24P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 4-3 August 2012
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
74AVC1T45 PHILIPS-74AVC1T45_15 Datasheet
360Kb / 23P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 4-22 June 2012
logo
Nexperia B.V. All right...
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
Dual-supply voltage level translator/transceiver 3-state
74AVCH1T45-Q100 NEXPERIA-74AVCH1T45-Q100 Datasheet
786Kb / 21P
Dual-supply voltage level translator/transceiver 3-state
74AVCH1T45 NEXPERIA-74AVCH1T45 Datasheet
315Kb / 22P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com