Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVCH1T45 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVCH1T45 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVCH1T45
Download  74AVCH1T45 Download
File Size   315.44 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-supply voltage level translator/transceiver; 3-state

74AVCH1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVCH1T45 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVCH1T45
Download  74AVCH1T45 Click to download

File Size   315.44 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual-supply voltage level translator/transceiver; 3-state

74AVCH1T45 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVCH1T45 Product details

1. General description
The 74AVCH1T45 is a single bit, dual supply transceiver that enables bidirectional level translation.
The 74AVCH1T45 has active bus hold circuitry which is provided to hold unused or floating data
inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down
resistors.The device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing potentially damaging backflow current through the device
when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Overvoltage tolerant inputs to 3.6 V
• Dynamically controlled outpus
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (< 1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Bus hold on data inputs
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
74AVCH1T45 NXP-74AVCH1T45 Datasheet
124Kb / 22P
Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Diodes Incorporated
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
logo
Nexperia B.V. All right...
74AVCH1T45-Q100 NEXPERIA-74AVCH1T45-Q100 Datasheet
786Kb / 21P
Dual-supply voltage level translator/transceiver 3-state
logo
Texas Instruments
74AVCH1T45DBVRE4 TI-74AVCH1T45DBVRE4 Datasheet
1Mb / 34P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results


Similar Description - 74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVCH1T45 PHILIPS-74AVCH1T45_15 Datasheet
283Kb / 24P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 4-3 August 2012
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
74AVC1T45 PHILIPS-74AVC1T45_15 Datasheet
360Kb / 23P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 4-22 June 2012
logo
Nexperia B.V. All right...
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
Dual-supply voltage level translator/transceiver 3-state
74AVCH1T45-Q100 NEXPERIA-74AVCH1T45-Q100 Datasheet
786Kb / 21P
Dual-supply voltage level translator/transceiver 3-state
74AVC1T45 NEXPERIA-74AVC1T45 Datasheet
324Kb / 22P
Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com