Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC1G32 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1G32 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1G32
Download  74HC1G32 Download
File Size   207.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input OR gate

74HC1G32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G32 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1G32
Download  74HC1G32 Click to download

File Size   207.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input OR gate

74HC1G32 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1G32 Product details

1. General description
The 74HC1G32; 74HCT1G32 is a single 2-input OR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Symmetrical output impedance
• High noise immunity
• CMOS low power dissipation
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD78 Class II Level B
• Input levels:
• For 74HC1G32: CMOS level
• For 74HCT1G32: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40° C to +85° C and from -40° C to +125° C




Similar Part No. - 74HC1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G32 PHILIPS-74HC1G32 Datasheet
602Kb / 16P
2-input OR gate
2002 May 15
74HC1G32 NXP-74HC1G32 Datasheet
75Kb / 11P
2-input OR gate
Rev. 05-14 March 2008
logo
TECH PUBLIC Electronics...
74HC1G32 TECHPUBLIC-74HC1G32 Datasheet
2Mb / 7P
2-input OR Gate
logo
Nexperia B.V. All right...
74HC1G32-Q100 NEXPERIA-74HC1G32-Q100 Datasheet
682Kb / 12P
2-input OR gate
logo
NXP Semiconductors
74HC1G32GV PHILIPS-74HC1G32GV Datasheet
602Kb / 16P
2-input OR gate
2002 May 15
More results


Similar Description - 74HC1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com