Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA083818NF Datasheet (PDF) - WOLFSPEED, INC.

PTRA083818NF Datasheet PDF - WOLFSPEED, INC.
Part # PTRA083818NF
Download  PTRA083818NF Download
File Size   708.76 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz

PTRA083818NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA083818NF Datasheet PDF - WOLFSPEED, INC.

Part # PTRA083818NF
Download  PTRA083818NF Click to download

File Size   708.76 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz

PTRA083818NF Datasheet (HTML) - WOLFSPEED, INC.


PTRA083818NF Product details

Description
The PTRA083818NF is a 275-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 733 to 805 MHz frequency band. Features
include input matching, high gain and thermally-enhanced package with earless
flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
Features
• Broadband internal input matching
• Asymmetrical Doherty design
- Main : P1dB = 165 W Typ
- Peak : P1dB = 250 W Typ
• Typical Pulsed CW performance, 805 MHz, 48 V,
combined outputs
- Output power at P1dB = 275 W
- Efficiency = 59.6%
- Gain = 18.6 dB
• Capable of handling 10:1 VSWR @ 48 V, 81.3 W
CW output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTRA083818NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
logo
Cree, Inc
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
More results


Similar Description - PTRA083818NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA087008NB WOLFSPEED-PTRA087008NB Datasheet
731Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
Rev. 03.4, 2022-02-13
PTVA084007NF WOLFSPEED-PTVA084007NF Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz
Rev. 04.2, 2022-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com