Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA084007NF Datasheet (PDF) - WOLFSPEED, INC.

PTVA084007NF Datasheet PDF - WOLFSPEED, INC.
Part # PTVA084007NF
Download  PTVA084007NF Download
File Size   497.08 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz

PTVA084007NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA084007NF Datasheet PDF - WOLFSPEED, INC.

Part # PTVA084007NF
Download  PTVA084007NF Click to download

File Size   497.08 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz

PTVA084007NF Datasheet (HTML) - WOLFSPEED, INC.


PTVA084007NF Product details

Description
The PTVA084007NF is a 370-watt (P3dB) LDMOS FET manufactured
with Wolfspeed’s 48-V LDMOS process. It is designed for use in
multi-standard cellular power amplifier applications. It features
a single-ended design and input and output matching that allow
for use from 755 MHz to 805 MHz.
Features
• Broadband internal input and output matching
• Target CW performance, 805 MHz, 48 V, single side
- Output power at P3dB = 370 W
- Efficiency = 64%
- Gain = 20.8 dB
• Capable of handling 10:1 VSWR @ 48 V, 100 W
(CW) output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTVA084007NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
logo
Cree, Inc
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
More results


Similar Description - PTVA084007NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA083818NF WOLFSPEED-PTRA083818NF Datasheet
708Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
Rev. 06.2, 2022-1-27
PTRA087008NB WOLFSPEED-PTRA087008NB Datasheet
731Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
Rev. 03.4, 2022-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com