Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA093818NF Datasheet (PDF) - WOLFSPEED, INC.

PTRA093818NF Datasheet PDF - WOLFSPEED, INC.
Part # PTRA093818NF
Download  PTRA093818NF Download
File Size   685.79 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz

PTRA093818NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA093818NF Datasheet PDF - WOLFSPEED, INC.

Part # PTRA093818NF
Download  PTRA093818NF Click to download

File Size   685.79 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz

PTRA093818NF Datasheet (HTML) - WOLFSPEED, INC.


PTRA093818NF Product details

Description
The PTRA093818NF is a 415-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 925 to 960 MHz frequency band.
Features include input matching, high gain and thermally-enhanced package with
earless flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this
device provides excellent thermal performance and superior reliability
Features
• Broadband internal input matching
• Asymmetrical design
- Main : P1dB = 165 W Typ
- Peak : P1dB = 250 W Typ
• Typical Pulsed CW performance, 960 MHz, 48 V,
Doherty configuration
- Output power at P3dB = 375 W
- Efficiency = 55%
- Gain = 18 dB
• Capable of handling 10:1 VSWR @ 48 V, 81.4 W CW
output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTRA093818NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
More results


Similar Description - PTRA093818NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTFB092707FH CREE-PTFB092707FH Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 925 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA095908NB WOLFSPEED-PTRA095908NB Datasheet
739Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 520 W, 48 V, 925 – 960 MHz
Rev. 02.2, 2022-02-13
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com