Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA095908NB Datasheet (PDF) - WOLFSPEED, INC.

PTRA095908NB Datasheet PDF - WOLFSPEED, INC.
Part # PTRA095908NB
Download  PTRA095908NB Download
File Size   739.37 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 520 W, 48 V, 925 – 960 MHz

PTRA095908NB Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA095908NB Datasheet PDF - WOLFSPEED, INC.

Part # PTRA095908NB
Download  PTRA095908NB Click to download

File Size   739.37 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 520 W, 48 V, 925 – 960 MHz

PTRA095908NB Datasheet (HTML) - WOLFSPEED, INC.


PTRA095908NB Product details

Description
The PTRA095908NB is a 520-watt (P3dB) LDMOS FET intended for use in
multi-standard cellular power amplifier applications in the 925 to 960 MHz
frequency band. Features include input and output matching, high gain
and thermally-enhanced plastic overmold package with earless flange.
Features
• Broadband internal input and output matching
• Asymmetric Doherty design
- Main: P1dB = 250 W Typ
- Peak: P1dB = 400 W Typ
• Typical pulsed CW performance, 942 MHz, 48 V,
Doherty configuration, 10 µs, 10% duty cycle
- Output power at P1dB = 160 W
- Output power at P3dB = 520 W
- Efficiency = 58% (POUT = 109 W)
- Gain = 19 dB (POUT = 109 W)
• Capable of handling 10:1 VSWR @ 48 V, 109 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTRA095908NB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093302FC INFINEON-PTRA093302FC Datasheet
175Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
Rev. 03, 2016-03-16
logo
Cree, Inc
PTRA093302FC CREE-PTRA093302FC Datasheet
482Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
logo
Infineon Technologies A...
PTRA093302FCV1R0 INFINEON-PTRA093302FCV1R0 Datasheet
175Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
Rev. 03, 2016-03-16
PTRA093302FCV1R0XTMA1 INFINEON-PTRA093302FCV1R0XTMA1 Datasheet
175Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
Rev. 03, 2016-03-16
PTRA093302FCV1R2 INFINEON-PTRA093302FCV1R2 Datasheet
175Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 330 W, 50 V, 746 ??768 MHz
Rev. 03, 2016-03-16
More results


Similar Description - PTRA095908NB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTFB092707FH CREE-PTFB092707FH Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 925 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA093818NF WOLFSPEED-PTRA093818NF Datasheet
685Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
Rev. 06.2, 2022-01-04
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com