Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA102001EA-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

PTVA102001EA-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # PTVA102001EA-V1-R2
Download  PTVA102001EA-V1-R2 Download
File Size   540.59 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz

PTVA102001EA-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA102001EA-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R2
Download  PTVA102001EA-V1-R2 Click to download

File Size   540.59 Kbytes
Page   13 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz

PTVA102001EA-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


PTVA102001EA-V1-R2 Product details

Description
The PTVA102001EA is a 200-watt LDMOS FET intended for use in power
amplifier applications in the 960 to 1600 MHz frequency band. Features
include high gain and thermally-enhanced package with bolt-down
flange. Manufactured with Wolfspeed's advanced
LDMOS process, this device provides excellent thermal performance
and superior reliability
Features
• Input matched
• Capable of handling 10:1 VSWR @50 V, 200 W (CW)
output power
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTVA102001EA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
More results


Similar Description - PTVA102001EA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com