Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4293 Datasheet (PDF) - Analog Devices

LT4293 Datasheet PDF - Analog Devices
Part # LT4293
Download  LT4293 Download
File Size   2456.56 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-/24-/48-Port IEEE 802.3 at PoE PSE Controller

LT4293 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT4293 Datasheet PDF - Analog Devices

Part # LT4293
Download  LT4293 Click to download

File Size   2456.56 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-/24-/48-Port IEEE 802.3 at PoE PSE Controller

LT4293 Datasheet (HTML) - Analog Devices


LT4293 Product details

DESCRIPTION
The LTC®9101-2A/LTC9102 chipset is a (up to) 48-port power
sourcing equipment (PSE) controller designed for use in IEEE
802.3at Type 1 and 2 compliant Power over Ethernet (PoE) systems.
The LTC9101-2A/LTC9102 is designed to power compliant
802.3af and 802.3at PDs. The LTC9101-2A/LTC9102 chipset delivers
lowest-in-industry heat dissipation using low RDS(ON) external
MOSFETs and 0.1Ω sense resistance per power channel. A transformer-
isolated communication protocol replaces expensive optocouplers
and a complex isolated 3.3V supply, resulting in significant
bill of materials (BOM) cost savings.
Advanced power management features include per-port 14‑bit current/
voltage monitoring, programmable current limits, and versatile
fast shutdown of preselected ports. PD detection uses a proprietary
multipoint detection mechanism, ensuring excellent immunity from
false PD identification. 1-event and 2-event physical classification
are supported. The LTC9101-2A/LTC9102 includes an I2C serial
interface operable up to 1MHz. The LTC9101-2A/LTC9102 is pin or
I2C programmable to negotiate PD-delivered power up to 25.5W.

FEATURES
► Fully Compliant IEEE 802.3at Type 1 and 2 PSE
► Up to 48 PSE Ports
► Industry-Standard Register Map
► +80V/–20V Tolerant Port-Facing Pins
► ECC-Protected eFlash and Data RAMs
► Low Power Path Dissipation per Channel
► 100mΩ Sense Resistance
► 30mΩ or Lower MOSFET RDS(ON)
► Chipset Provides Electrical Isolation
► Eliminates Optos and Isolated 3.3V Supply
► Very High Reliability Multipoint PD Detection
► Continuous Per-Port Voltage and Current Monitoring
► 1MHz I2C Compatible Serial Control Interface
► Pin or I2C Programmable PD Power
► Available in 24-Lead 4mm × 4mm (LTC9101‑2A) and 64-Lead
7mm × 11mm (LTC9102) QFN Packages

APPLICATIONS
► PoE PSE Switches/Routers and Midspans




Similar Part No. - LT4293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
LT4293 AD-LT4293 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LT4293 AD-LT4293 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4293 AD-LT4293 Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4293 AD-LT4293 Datasheet
931Kb / 22P
IEEE 802.3bt PD with Telemetry and Power Priority
Rev A
More results


Similar Description - LT4293

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com