Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGPA01-V1-R7 Datasheet (PDF) - WOLFSPEED, INC.

WSGPA01-V1-R7 Datasheet PDF - WOLFSPEED, INC.
Part # WSGPA01-V1-R7
Download  WSGPA01-V1-R7 Download
File Size   712.89 Kbytes
Page   7 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier

WSGPA01-V1-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSGPA01-V1-R7 Datasheet PDF - WOLFSPEED, INC.

Part # WSGPA01-V1-R7
Download  WSGPA01-V1-R7 Click to download

File Size   712.89 Kbytes
Page   7 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier

WSGPA01-V1-R7 Datasheet (HTML) - WOLFSPEED, INC.


WSGPA01-V1-R7 Product details

Description
The WSGPA01 is a GaN on SiC Discrete General Purpose Amplifier (GPA) designed for applications up to 5 GHz. The device operates from
supply voltages up to 50 V and can achieve a P3dB of 10 W. It is housed in a 3 mm X 4 mm DFN package. While it is designed for communications infrastructure applications with crest factor reduced and digitally pre-distorted LTE or 5G NR signals, it may be suitable for other
applications at frequencies up to 5 GHz, restricted only by its maximum operating conditions.
Features
• GaN on SiC HEMT technology
• Operating frequency : up to 5 GHz
• P3dB : up to 10 W
• Supply voltage : up to 50 V
• Maximum junction temperature : 225 °C
• Pb-free and RoHS compliant




Similar Part No. - WSGPA01-V1-R7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
WOLFSPEED, INC.
WSGPA01V1-14 WOLFSPEED-WSGPA01V1-14 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WSGPA01V1-18 WOLFSPEED-WSGPA01V1-18 Datasheet
424Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WSGPA01V1-19 WOLFSPEED-WSGPA01V1-19 Datasheet
391Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results


Similar Description - WSGPA01-V1-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
0.1 ??3.0 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
1 ??8 GHz 10 W GaN Power Amplifier
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
Qorvo, Inc
QPA2511 QORVO-QPA2511 Datasheet
2Mb / 13P
100 W, 50 V, 1.2 ??1.4 GHz, GaN on SiC Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
QPA2513 QORVO-QPA2513 Datasheet
2Mb / 14P
125 W, 50 V, 3.1 ??3.5 GHz, GaN on SiC Power Amplifier
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
0.03??.5 GHz 10 W GaN Power Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com