Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGPA01-V1-R7 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # WSGPA01-V1-R7
Description  10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WSGPA01-V1-R7 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  WSGPA01-V1-R7 Datasheet HTML 1Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 2Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 3Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 4Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 5Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 6Page - WOLFSPEED, INC. WSGPA01-V1-R7 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2021-07-13
5
WSGPA01
精度等级
模具编号
模具名称
图纸类型
材质
版本号
缩水率
设计
核准
审核
日期
日期
日期
视角
图纸
图号
A3
PS
1.005
13寸
10.24
B
由
由
Autodesk 教
教育
育版
版产
产品
品制
制作
作
W2
W1
A
10.1+0.4
-0.2
N
R127
R158.5
R164.5
R121
R159.9
D
C
2.1+0.2
0
Tape and Reel Information
C-PAK PTE LTD
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO C-PAK PTE.LTD.
A DOU YEE COMPANY
®
1.50 0.00
+0.10
Do
1.50 0.00
+0.20
D1
Po
4.00 0.10 (II)
E1
1.75 0.10
P1
Ao
2.00 0.05(I)
P2
Y
Y
A
0.30 0.03
T
Ko
SECTION Y-Y
REF.
R0.65
DETAIL A
CL
Ao
3.30
+/- 0.10
Bo
4.30
+/- 0.10
Ko
1.10
+/- 0.10
F
5.50
+/- 0.05
P1
8.00
+/- 0.10
W
12.00
+0.30 / -0.10
ALL DIMENSIONS IN MILLIMETRES UNLESS OTHERWISE STATED.
Other material available.
(IV)
(III)
(II)
(I)
hole to centreline of pocket.
Measured from centreline of sprocket
holes is 0.20 .
Cumulative tolerance of 10 sprocket
to centreline of pocket.
Measured from centreline of sprocket hole
TITLE:
DRAWING NO:
DRAWN:
SCALE: NTS
MATERIAL:
3rd Angle
NEW DRAWING
0
DESCRIPTION
1st Angle
REV
APPROVED
ECN
GENERAL TOLERANCE: 0.1
Y S HEE
30.01.20
OPEN TOOL EMBOSSED CARRIER TAPE DIMENSIONS
MLP3X4 (BD0300X0400U)
CP0037/20
JEFF CHEW
POLYSTYRENE (IV)
DATE
S12848
PACKAGE SEALING CONDITION: NORMAL
REFER TO PAGE 2/2
(V)
Typical SR of form tape to be 10
4 ˂ SR ˂ 1010 OHM.
No measurement required.
Dimension with ( ) is used for design reference purposes,
(VI)
(I)
Measured from centerline of sprocket hole to centerline of pocket.
(II)
Cumulative tolerance of 10 sprocket holes is ± 0.20.
(III)
Measured from centerline of sprocket hole to centerline of pocket.
(IV)
Other material available.
(V)
Typical SR of form tape to be 104 < SR < 1010 OHM.
(VI)
Dimension with ( ) is used for design reference purposes.
No measurement required.
ALL DIMENSIONS IN MILLIMETERS UNLESS OTHERWISE STATED.
TYPE
A
N
C
D
W1
W2 max
T
12mm
+2
-2
+2
-2
+0.2
-0.2
+0.5
-0.5
+2
-0
18.4
2.1±0.5
Ø
330
Ø100
5.6
Ø
13.1
12.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com