Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9772 Datasheet (PDF) - Belden Inc.

9772 Datasheet PDF - Belden Inc.
Part # 9772
Download  9772 Download
File Size   147.73 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio & Instrumentation, 12 Triads 22 AWG (36C) TC, Individually Jacketed

9772 Datasheet (PDF)

Go To PDF Page Download Datasheet
9772 Datasheet PDF - Belden Inc.

Part # 9772
Download  9772 Click to download

File Size   147.73 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio & Instrumentation, 12 Triads 22 AWG (36C) TC, Individually Jacketed

9772 Datasheet (HTML) - Belden Inc.


9772 Product details

Product Description
12 Individually jacketed triads 22 AWG stranded (7x30) TC conductors, polypropylene insulation, 22 AWG stranded TC drain wire, overall PVC jacket.




Similar Part No. - 9772

ManufacturerPart #DatasheetDescription
logo
Heyco.
9772 HEYCO-9772 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
TE Connectivity Ltd
9772-1 TEC-9772-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
logo
KNIPEX
9772180 KNIPEX-9772180 Datasheet
157Kb / 2P
Crimping Pliers for wire ferrules
05.07.2021
More results


Similar Description - 9772

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
9451 BELDEN-9451 Datasheet
268Kb / 2P
Audio Cable, 1 Pair 22 AWG TC, Shielded, Riser
88741 BELDEN-88741 Datasheet
167Kb / 2P
Audio/Control/Instrumentation, (2 pr) 22 AWG (7x30) TC, FEP/FEP, CMP
05-05-2023
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1818WB BELDEN-1818WB Datasheet
178Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
01-20-2023
8450 BELDEN-8450 Datasheet
145Kb / 2P
Audio & Instrumentation, #22-1pr, TC, O/A Foil, CM
01-20-2023
8723SB BELDEN-8723SB Datasheet
142Kb / 2P
Audio & Instrumentation, 2 Pair 22 AWG, TC, Individually Shielded, Shipboard
01-20-2023
8777SB BELDEN-8777SB Datasheet
162Kb / 2P
Audio & Instrumentation, #22-3pr, TC, Indiv. Shielded, Shipboard
01-20-2023
1818P BELDEN-1818P Datasheet
202Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, PVDF Jkt,CMP
01-20-2023
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com