Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMD15 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMD15 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMD15
Download  PUMD15 Download
File Size   1056.68 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k

PUMD15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD15 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMD15
Download  PUMD15 Click to download

File Size   1056.68 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k

PUMD15 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMD15 Product details

Features and benefits
 100 mA output current capability
 Built-in bias resistors
 Simplifies circuit design
 Reduces component count
 Reduces pick and place costs
 AEC-Q101 qualified




Similar Part No. - PUMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PUMD15 PHILIPS-PUMD15 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD15 NXP-PUMD15 Datasheet
72Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
logo
Nexperia B.V. All right...
PUMD15 NEXPERIA-PUMD15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PUMD15-Q NEXPERIA-PUMD15-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
8 March 2023
More results


Similar Description - PUMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PEMB15_PUMB15 PHILIPS-PEMB15_PUMB15_15 Datasheet
621Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PEMD13_PUMD13 PHILIPS-PEMD13_PUMD13_15 Datasheet
958Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 3-7 December 2011
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
PEMD18_PUMD18 PHILIPS-PEMD18_PUMD18_15 Datasheet
918Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 2-21 December 2011
PEMH15_PUMH15 PHILIPS-PEMH15_PUMH15_15 Datasheet
623Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
logo
Nexperia B.V. All right...
PEMB15 NEXPERIA-PEMB15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PDTA143E_SER NEXPERIA-PDTA143E_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com