Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMD15 Datasheet (PDF) - NXP Semiconductors

PUMD15 Datasheet PDF - NXP Semiconductors
Part # PUMD15
Download  PUMD15 Download
File Size   72.15 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW

PUMD15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD15 Datasheet PDF - NXP Semiconductors

Part # PUMD15
Download  PUMD15 Click to download

File Size   72.15 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW

PUMD15 Datasheet (HTML) - NXP Semiconductors


PUMD15 Product details

General description
NPN/PNP Resistor-Equipped Transistors (RET)

Features
■ Built-in bias resistors
■ Simplifies circuit design
■ Reduces component count
■ Reduces pick and place cost

Applications
■ Low current peripheral driver
■ Control of IC inputs
■ Replacement of general-purpose transistors in digital applications




Similar Part No. - PUMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PUMD15 PHILIPS-PUMD15 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMD15 NEXPERIA-PUMD15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PUMD15 NEXPERIA-PUMD15 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
PUMD15-Q NEXPERIA-PUMD15-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
8 March 2023
More results


Similar Description - PUMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com