Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD30 Datasheet (PDF) - Nexperia B.V. All rights reserved

PEMD30 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PEMD30
Download  PEMD30 Download
File Size   83.68 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open

PEMD30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMD30 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PEMD30
Download  PEMD30 Click to download

File Size   83.68 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open

PEMD30 Datasheet (HTML) - Nexperia B.V. All rights reserved


PEMD30 Product details

Features
* 100 mA output current capability
* Built-in bias resistors
* Simplifies circuit design
* Reduces component count
* Reduces pick and place costs




Similar Part No. - PEMD30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD30 NXP-PEMD30 Datasheet
84Kb / 11P
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30 Datasheet
223Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
18 January 2023
More results


Similar Description - PEMD30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
PEMB30 NXP-PEMB30 Datasheet
76Kb / 10P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMD30 NXP-PEMD30 Datasheet
84Kb / 11P
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PEMB30_PUMB30 PHILIPS-PEMB30_PUMB30_15 Datasheet
76Kb / 10P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PEMB30 NEXPERIA-PEMB30 Datasheet
191Kb / 11P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 2 September 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com