Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD30 Datasheet (PDF) - NXP Semiconductors

PEMD30 Datasheet PDF - NXP Semiconductors
Part # PEMD30
Download  PEMD30 Download
File Size   84.14 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open

PEMD30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMD30 Datasheet PDF - NXP Semiconductors

Part # PEMD30
Download  PEMD30 Click to download

File Size   84.14 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open

PEMD30 Datasheet (HTML) - NXP Semiconductors


PEMD30 Product details

General description

NPN/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.



Features

■ 100 mA output current capability

■ Built-in bias resistors

■ Simplifies circuit design

■ Reduces component count

■ Reduces pick and place costs



Applications

■ Low current peripheral driver

■ Control of IC inputs

■ Cost-saving alternative for BC847BPN and BC847BVN

■ Switching loads




Similar Part No. - PEMD30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30 Datasheet
223Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
18 January 2023
PEMD30 NEXPERIA-PEMD30 Datasheet
83Kb / 11P
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
More results


Similar Description - PEMD30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
PEMB30 NXP-PEMB30 Datasheet
76Kb / 10P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PEMB30_PUMB30 PHILIPS-PEMB30_PUMB30_15 Datasheet
76Kb / 10P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PEMB30 NEXPERIA-PEMB30 Datasheet
191Kb / 11P
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 2 September 2009
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com