Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet (PDF) - NXP Semiconductors

PCA9420 Datasheet PDF - NXP Semiconductors
Part # PCA9420
Download  PCA9420 Download
File Size   1178.18 Kbytes
Page   85 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management IC for low-power microcontroller applications

PCA9420 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9420 Datasheet PDF - NXP Semiconductors

Part # PCA9420
Download  PCA9420 Click to download

File Size   1178.18 Kbytes
Page   85 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management IC for low-power microcontroller applications

PCA9420 Datasheet (HTML) - NXP Semiconductors


PCA9420 Product details

1 General description
The PCA9420 is a highly integrated Power Management IC (PMIC), targeted to provide a full power
management solution for low-power microcontroller applications or other similar applications.
The device consists of a linear battery charger capable of charging up to 315 mA current. It has an I2C programmable Constant Current (CC) and Constant Voltage (CV) values for flexible configuration. Various builtin protection features such as input overvoltage protection, overcurrent protection, thermal protection, etc. are also provided for safe battery charging. It also features JEITA-compliant charging. The device also integrates two step-down (buck) DC-DC converters which have I2C programmable output voltage. Both buck regulators have integrated high-side and low-side switches and related control circuitry, to minimize the external component counts; a Pulse-Frequency Modulation (PFM) approach is utilized to achieve better efficiency under light load condition. Other protection features such as overcurrent protection, undervoltage
lockout (UVLO), etc., are also provided. By default, the input for these regulators is powered by either VIN or VBAT, whichever is greater. In addition, two on-chip LDO regulators are provided to power up various voltage rails in the system. Other features such as Fm+ I2C-bus interface, chip enable, interrupt signal, etc. are also provided. The chip is offered in 2.09 mm x 2.09 mm, 5 x 5 bump, 0.4 mm pitch WLCSP package; and 3 mm x 3 mm, 24-pin QFN package.

2 Features and benefits
• Linear battery charger for charging single cell li-ion battery
– 20 V tolerance on VIN pin
– Programmable input OVP (5.5 V or 6 V)
– Programmable constant current (up to 315 mA) and pre-charge low voltage current threshold
– Programmable constant voltage regulation
– Programmable automatic recharge voltage and termination current threshold
– Built-in protection features such as input OVP, battery SCP, thermal protection
– JEITA compliant
– Battery attached detection
– Over-temperature protection
• Two step-down DC-DC converters
– Very low quiescent current
– Programmable output voltage
– SW1: core buck converter, 0.5 V to 1.5 V output, 25 mV/step, and a fixed 1.8 V, up to 250 mA
– SW2: system buck converter, 1.5 V to 2.1 V/2.7 V to 3.3 V output, 25 mV/step, up to 500 mA
– Low-power mode for extra power saving
• Two LDOs
– Programmable output voltage regulation
– LDO1: always-on LDO, 1.70 V to 1.90 V output, 25 mV/step, up to 1 mA
– LDO2: system LDO, 1.5 V to 2.1 V/2.7 V to 3.3 V output, 25 mV/step, up to 250 mA
• 1 MHz I2C-bus target interface
• -40 °C to +85 °C ambient temperature range
• Offered in 5 x 5 bump-array WLCSP and 24-pin QFN package

3 Applications
• Low power microcontroller application




Similar Part No. - PCA9420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
PCA9420 NXP-PCA9420 Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9420 NXP-PCA9420 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
PCA9420 NXP-PCA9420 Datasheet
1Mb / 84P
Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
PCA9420BS NXP-PCA9420BS Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
More results


Similar Description - PCA9420

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
Power Management IC for Circuit Breaker Applications
4/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
logo
Analog Devices
ADP2450 AD-ADP2450_V01 Datasheet
984Kb / 40P
Power Management IC for Circuit Breaker Applications
Rev. B
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V02 Datasheet
1Mb / 84P
Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com