Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9574PW Datasheet (PDF) - NXP Semiconductors

PCA9574PW Datasheet PDF - NXP Semiconductors
Part # PCA9574PW
Download  PCA9574PW Download
File Size   412.58 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt

PCA9574PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9574PW Datasheet PDF - NXP Semiconductors

Part # PCA9574PW
Download  PCA9574PW Click to download

File Size   412.58 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt

PCA9574PW Datasheet (HTML) - NXP Semiconductors


PCA9574PW Product details

1 General description
The PCA9574 is a CMOS device that provides 8 bits of General Purpose parallel Input/Output (GPIO) expansion in low voltage processor and handheld battery powered mobile applications and was developed to enhance the NXP family of I2C-bus I/O expanders. The improvements include lower supply current, lower operating voltage of 1.1 V to 3.6 V, dual and separate supply rails to allow voltage level translation anywhere between 1.1 V and 3.6 V, 400 kHz clock frequency, and smaller packaging. Any of the eight I/O ports can be configured as an input or output independent of each other and default on start-up to inputs. I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections to a minimum; for example in battery powered mobile applications and clamshell devices for interfacing to sensors, push buttons, keypad, etc. In addition to providing a flexible set of GPIOs, it simplifies interconnection of a processor
running at one voltage level to I/O devices operating at a different (usually higher) voltage level. PCA9574 has built-in level shifting feature that makes these devices extremely flexible in mixed signal environments where communication between incompatible I/Os is required. The core of PCA9574 can operate at a voltage as low as 1.1 V while the I/O bank can operate in the range 1.1 V to 3.6 V. Bus-hold with programmable on-chip pull-up or pull-down feature for I/Os is also provided. The system controller can enable the I/Os as either inputs or outputs by writing to the I/O configuration register bits. The data for each input or output is kept in the corresponding Input or Output register. The polarity of the read register can be inverted with the Polarity inversion register (active HIGH or active LOW operation). Either a bus-hold function or pull-up/pull-down feature can be selected by programming corresponding registers.
The bus-hold provides a valid logic level when the I/O bus is not actively driven. When bus-hold feature is not selected, the I/O ports can be configured to have pull-up or pull-down by programming the pull-up/pull-down configuration register.
An open-drain interrupt output pin (INT) allows monitoring of the input pins and is asserted each time a change occurs on an input port unless that port is masked (default = masked). A ‘GPIO All Call’ command allows programming multiple PCA9574s at the same time even if they have different individual I2C-bus addresses. This allows optimal code programming when more than one device needs to be programmed with the same instruction or if all outputs need to be turned on or off at the same time. The internal Power-On Reset (POR) or hardware reset pin (RESET) initializes the eight I/Os as inputs, sets the registers to their default values and initializes the device state machine. The I/O bank is held in its default state when the logic supply (VDD) is off.
One address select pin allows up to two PCA9574 devices to be connected with two different addresses on the same I2C-bus. The PCA9574 is available in TSSOP16 and HVQFN16 packages and is specified over the -40 °C to +85 °C industrial temperature range.

2 Features and benefits
• 400 kHz I2C-bus serial interface
• Compliant with I2C-bus Standard-mode (100 kHz)
• Separate supply rails for core logic and I/O bank provides voltage level shifting
• 1.1 V to 3.6 V operation with level shifting feature
• Very low standby current: < 1 μA
• 8 configurable I/O pins that default to inputs at power-up
• Outputs:
– Totem pole: 1 mA source and 3 mA sink
– Independently programmable 100 kΩ pull-up or pull-down for each I/O pin
– Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level change of pins
programmed as inputs
• Inputs:
– Programmable bus hold provides valid logic level when inputs are not actively driven
– Programmable Interrupt Mask Control for input pins that do not require an interrupt when their states change
or to prevent spurious interrupts default to mask at power-up
– Polarity inversion register allows inversion of the polarity of the I/O pins when read
• Active LOW reset (RESET) input pin resets device to power-up default state
• GPIO All Call address allows programming of more than one device at the same time with the same
parameters
• 2 programmable target addresses using 1 address pin
• -40 °C to +85 °C operation
• ESD protection exceeds 7000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: TSSOP16 and HVQFN16

3 Applications
• Cell phones
• Media players
• Multi voltage environments
• Battery operated mobile gadgets
• Motherboards
• Servers
• RAID systems
• Industrial control
• Medical equipment
• PLCs
• Gaming machines
• Instrumentation and test measurement




Similar Part No. - PCA9574PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574PW NXP-PCA9574PW Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Similar Description - PCA9574PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com