Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9574 Datasheet (PDF) - NXP Semiconductors

PCA9574 Datasheet PDF - NXP Semiconductors
Part # PCA9574
Download  PCA9574 Download
File Size   180.83 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt

PCA9574 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9574 Datasheet PDF - NXP Semiconductors

Part # PCA9574
Download  PCA9574 Click to download

File Size   180.83 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt

PCA9574 Datasheet (HTML) - NXP Semiconductors


PCA9574 Product details

General description
The PCA9574 is a CMOS device that provides 8 bits of General Purpose parallel Input/Output (GPIO) expansion in low voltage processor and handheld battery powered mobile applications and was developed to enhance the NXP family of I2C-bus I/O expanders. The improvements include lower supply current, lower operating voltage of 1.1 V to 3.6 V, dual and separate supply rails to allow voltage level translation anywhere between 1.1 V and 3.6 V, 400 kHz clock frequency, and smaller packaging. Any of the 8 I/O ports can be configured as an input or output independent of each other and default on start-up to inputs. I/O expanders provide a simple solution when additional I/Os are needed while keeping interconnections to a minimum; for example in battery powered mobile applications and clamshell devices for interfacing to sensors, push buttons, keypad, etc. In addition to providing a flexible set of GPIOs, it simplifies interconnection of a processor running at one voltage level to I/O devices operating at a different (usually higher) voltage level. PCA9574 has built-in level shifting feature that makes these devices extremely flexible in mixed signal environments where communication between incompatible I/Os is required. The core of PCA9574 can operate at a voltage as low as 1.1 V while the I/O bank can operate in the range 1.1 V to 3.6 V. Bus hold with programmable on-chip pull-up or pull-down feature for I/Os is also provided.

Features
■ 400 kHz I2C-bus serial interface
■ Compliant with I2C-bus Standard-mode (100 kHz)
■ Separate supply rails for core logic and I/O bank provides voltage level shifting
■ 1.1 V to 3.6 V operation with level shifting feature
■ Very low standby current: < 1 µA
■ 8 configurable I/O pins that default to inputs at power-up
■ Outputs:
   ♦ Totem pole: 1 mA source and 3 mA sink
   ♦ Independently programmable 100 kΩ pull-up or pull-down for each I/O pin
   ♦ Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level change of pins programmed as inputs
■  Inputs:
   ♦ Programmable bus hold provides valid logic level when inputs are not actively driven
   ♦ Programmable Interrupt Mask Control for input pins that do not require an interrupt when their states change or to prevent spurious interrupts default to mask at power-up
   ♦ Polarity inversion register allows inversion of the polarity of the I/O pins when read
■ Active LOW reset (RESET) input pin resets device to power-up default state
■ GPIO All Call address allows programming of more than one device at the same time with the same parameters
■ 2 programmable slave addresses using 1 address pin
■ −40 °C to +85 °C operation
■ ESD protection exceeds 7000 V HBM per JESD22-A114, 500 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: TSSOP16, HVQFN16 and HXQFN16U

Applications
■ Cell phones
■ Media players
■ Multi voltage environments
■ Battery operated mobile gadgets
■ Motherboards
■ Servers
■ RAID systems
■ Industrial control
■ Medical equipment
■ PLCs




Similar Part No. - PCA9574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9574 NXP-PCA9574 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574BS NXP-PCA9574BS Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574BS118 NXP-PCA9574BS118 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574PW NXP-PCA9574PW Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results


Similar Description - PCA9574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com