Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C455 Datasheet (PDF) - Cypress Semiconductor

CY7C455 Datasheet PDF - Cypress Semiconductor
Part # CY7C455
Download  CY7C455 Download
File Size   384.1 Kbytes
Page   23 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags

CY7C455 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C455 Datasheet PDF - Cypress Semiconductor

Part # CY7C455
Download  CY7C455 Click to download

File Size   384.1 Kbytes
Page   23 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags

CY7C455 Datasheet (HTML) - Cypress Semiconductor


CY7C455 Product details

Functional Description
The CY7C455, CY7C456, and CY7C457 are high-speed, low-power, first-in first-out (FIFO) memories with clocked read and write interfaces. All are 18 bits wide. The CY7C455 has a 512-word memory array, the CY7C456 has a 1,024-word memory array, and the CY7C457 has a 2,048-word memory array. The CY7C455, CY7C456, and CY7C457 can be cascaded to increase FIFO depth. Programmable features include Almost Full/Empty flags and generation/checking of parity. These FIFOs provide solutions for a wide variety of data buffering needs, including high-speed data acquisition, multiprocessor interfaces, and communications buffering.

Features
• High-speed, low-power, first-in first-out (FIFO) memories
• 512 x 18 (CY7C455)
• 1,024 x 18 (CY7C456)
• 2,048 x 18 (CY7C457)
• 0.65 micron CMOS for optimum speed/power
• High-speed 83-MHz operation (12 ns read/write cycle time)
• Low power — ICC=90 mA
• Fully asynchronous and simultaneous read and write operation
• Empty, Full, Half Full, and programmable Almost Empty and Almost Full status flags
• TTL compatible
• Retransmit function
• Parity generation/checking
• Output Enable (OE) pins
• Independent read and write enable pins
• Center power and ground pins for reduced noise
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability
• 52-pin PLCC and 52-pin PQFP




Similar Part No. - CY7C455

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C451 CYPRESS-CY7C451 Datasheet
358Kb / 24P
512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JC CYPRESS-CY7C451-12JC Datasheet
358Kb / 24P
512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-12JI CYPRESS-CY7C451-12JI Datasheet
358Kb / 24P
512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JC CYPRESS-CY7C451-14JC Datasheet
358Kb / 24P
512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
CY7C451-14JI CYPRESS-CY7C451-14JI Datasheet
358Kb / 24P
512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
More results


Similar Description - CY7C455

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
512 x 18 / 1024 x 18 Synchronous FIFO
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
Clocked 512 x 9, 2K x 9 FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com