Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH540235 Datasheet (PDF) - Sharp Corporation

LH540235 Datasheet PDF - Sharp Corporation
Part # LH540235
Download  LH540235 Download
File Size   369.44 Kbytes
Page   46 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2048 x 18 / 4096 x 18 Synchronous FIFOs

LH540235 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH540235 Datasheet PDF - Sharp Corporation

Part # LH540235
Download  LH540235 Click to download

File Size   369.44 Kbytes
Page   46 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2048 x 18 / 4096 x 18 Synchronous FIFOs

LH540235 Datasheet (HTML) - Sharp Corporation


LH540235 Product details

FUNCTIONAL DESCRIPTION
NOTE: Throughout this data sheet, a BOLD ITALIC type font is used for all references to Enhanced Operating Mode features which do not function in IDT-Compatible Operating Mode; and also for all references to the retransmit facility (which is not an IDT72235B/45B FIFO feature), even though it may be used – subject to some restrictions – in either of these two operating modes. Thus, readers interested only in using the LH540235/45 FIFOs in IDT-Compatible Operating Mode may skip over BOLD ITALIC sections, if they wish.

FEATURES
• Fast Cycle Times: 20/25/35 ns
• Pin-Compatible Drop-In Replacements for IDT72235B/45B FIFOs
• Choice of IDT-Compatible or Enhanced Operating Mode; Selected by an Input Control Signal
• Device Comes Up into One of Two Known Default States at Reset Depending on the State of the EMODE Control Input: Programming is Allowed, but is not Required
• Internal Memory Array Architecture Based on CMOS Dual-Port SRAM Technology, 2048 × 18 or 4096 × 18
• ‘Synchronous’ Enable-Plus-Clock Control at Both Input Port and Output Port
• Independently-Synchronized Operation of Input Port and Output Port
• Control Inputs Sampled on Rising Clock Edge
• Most Control Signals Assertive-LOW for Noise Immunity
• May be Cascaded for Increased Depth, or Paralleled for Increased Width
• 16 mA-IOL High-Drive Three-State Outputs
• Five Status Flags: Full, Almost-Full, Half-Full, Almost-Empty, and Empty; ‘Almost’ Flags are Programmable
• In Enhanced Operating Mode, Almost-Full, Half-Full, and Almost-Empty Flags can be Made Completely Synchronous
• In Enhanced Operating Mode, Duplicate Enables for Interlocked Paralleled FIFO Operation, for 36-Bit Data Width, when Selected and Appropriately Connected
• In Enhanced Operating Mode, Disabling Three-State Outputs May be Made to Suppress Reading
• Data Retransmit Function
• TTL/CMOS-Compatible I/O
• Space-Saving 68-Pin PLCC Package; Even-Smaller 64-Pin TQFP Package




Similar Part No. - LH540235

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results


Similar Description - LH540235

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
AverLogic Technologies ...
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Texas Instruments
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com