Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS66504B Datasheet (PDF) - GaN Systems Inc.

GS66504B Datasheet PDF - GaN Systems Inc.
Part # GS66504B
Download  GS66504B Download
File Size   975.19 Kbytes
Page   14 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description Bottom-side cooled 650 V E-mode GaN transistor

GS66504B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS66504B Datasheet PDF - GaN Systems Inc.

Part # GS66504B
Download  GS66504B Click to download

File Size   975.19 Kbytes
Page   14 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description Bottom-side cooled 650 V E-mode GaN transistor

GS66504B Datasheet (HTML) - GaN Systems Inc.


GS66504B Product details

Features
• 650 V enhancement mode power transistor
• Bottom-side cooled configuration
• RDS(on) = 100 mΩ
• IDS(max) = 15 A
• Ultra-low FOM die
• Low inductance GaNPX® package
• Simple gate drive requirements (0 V to 6 V)
• Transient tolerant gate drive (-20 V / +10 V)
• Very high switching frequency (> 10 MHz)
• Fast and controllable fall and rise times
• Reverse current capability
• Zero reverse recovery loss
• Small 5.0 x 6.6 mm2 PCB footprint
• RoHS3 (6 + 4) compliant

Applications
• AC-DC Converters
• DC-DC converters
• Uninterruptable Power Supplies
• Industrial Motor Drives
• Appliance Motor Drives
• Fast Battery Charging
• Class D Audio amplifiers
• Power Adapters
• Wireless Power Transfer

Description
The GS66504B is an enhancement mode GaN-on-silicon power transistor. The properties of GaN allow for high current, high voltage breakdown and high switching frequency. GaN Systems innovates with industry leading advancements such as patented Island Technology® and GaNPX® packaging. Island Technology® cell layout realizes high-current die and high yield. GaNPX® packaging enables low inductance & low thermal resistance in a small package. The GS66504B is a bottom-side cooled transistor that offers very low junction-to-case thermal resistance for demanding high power applications. These features combine to provide very high efficiency power switching.




Similar Part No. - GS66504B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
More results


Similar Description - GS66504B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
GS66502B GAN-GS66502B Datasheet
949Kb / 14P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508B GAN-GS66508B Datasheet
982Kb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516B GAN-GS66516B Datasheet
1Mb / 16P
Bottom-side cooled 650 V E-mode GaN transistor
Rev 211025
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
logo
Teledyne Technologies I...
TDG100E90BEP TELEDYNE-TDG100E90BEP Datasheet
2Mb / 19P
Bottom-side cooled, 100V E-mode GaN transistor Product Specification
04-2020 Rev1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com